Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download P1500EAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shenzhen hua xina n electron ics co.,lt ( pxxx0eal pxxx0ebl pxxx0ecl) sidactor protection thyristors package to-92 description fast delivery time p xxx0eal,pxxx0ebl,pxxx0ecl series sidactor protection t hyristor protect telecommunications equipment such as adsl m odems,router , , t elephone, cctv c amera ,digital video record,video capture card,twisted-pair video transmitter,catv splitter.... . etc. p xxx0eal,pxxx0ebl,pxxx0ecl series sidactor protection t hyristor are used to enable equipment to meet various regulatory requirements including gr 1089, itu k.20 / 21 , iec 6 1000-4-5 , yd/t 1082,yd/t 993,yd/t 950, tia-96 8-a ,tia-968-b f eatures compared to surge suppression using other technologies, p xxx0eal,pxxx0ebl,pxxx0ecl series devices offer absolute surge protection regardless of the surge current available and the rate of applied voltage (dv/dt). p xxx0eal,pxxx0ebl,pxxx0ecl series devices: ? 100% lead-free ( roh s compliant ) ? cannot be damaged by voltage ? eliminate hysteresis and heat dissipation typically found with clamping devices ? eliminate voltage overshoot caused by fast-rising transients ? are non-degenerative ? have low capacitance, making them ideal for high-speed transmission equipment electrical characteristics parameter definition v drm peak off-state voltage maximum voltage that can be applied while maintaining off state v s switching voltage maximum voltage prior to switching to on state i h holding current minimum current required to maintain on state i s switching current maximum current required to switch to on state i t on-state current maximum rated continuous on-state current v t on-state voltage maximum voltage measured at rated on-state current c apacitance off-state capacitance typical capacitance measured in off state i drm leakage current maximum peak off-state current measured at v drm i pp peak pulse current maximum rated peak impulse current i tsm peak one-cycle surge current maximum rated one-cycle ac current d i/dt rate of rise of current maximum rated value of the acceptable rate of rise in current over time 1 revised:february 25,2014 www.huaandz.com
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) electrical characteristics part number marking v drm @ i drm = 5 a v s @100v/ s i h i s i t v t @ i t =2.2amps capacitance @1mhz,2 v bias v min v max m a min ma max a max v max pf p0080 e a l p0080 e a 6 25 50 800 2.2 4 45 p0300 e a l p0300 e a 25 40 50 800 2.2 4 45 p0640 e a l p0640 e a 58 77 150 800 2.2 4 35 p0720 e a l p0720 e a 65 88 150 800 2.2 4 50 p0900 e a l p0900 e a 75 98 150 800 2.2 4 4 0 p1100 e a l p1100 e a 90 130 150 800 2.2 4 3 5 p1300 e a l p1300 e a 120 160 150 800 2.2 4 35 p1500 e a l p1500 e a 140 180 150 800 2.2 4 40 p1800 e a l p1800 e a 170 220 150 800 2.2 4 40 p 21 00 e a l p 21 00 e a 1 80 240 150 800 2.2 4 40 p2300 e a l p2300 e a 190 260 150 800 2.2 4 4 5 p2600 e a l p2600 e a 220 300 150 800 2.2 4 35 p3100 e a l p3100 e a 275 350 150 800 2.2 4 3 5 p3500 e a l p3500 e a 320 400 150 800 2.2 4 30 p0080 e b l p0080 e b 6 25 50 800 2.2 4 60 p0300 e b l p0300 e b 25 40 50 800 2.2 4 65 p0640 e b l p0640 e b 58 77 150 800 2.2 4 45 p0720 e b l p0720 e b 65 88 150 800 2.2 4 45 p0900 e b l p0900 e b 75 98 150 800 2.2 4 40 p1100 e b l p1100 e b 90 130 150 800 2.2 4 40 p1300 e b l p1300 e b 120 160 150 800 2.2 4 40 p1500 e b l p1500 e b 140 180 150 800 2.2 4 35 p1800 e b l p1800 e b 170 220 150 800 2.2 4 65 p 21 00 ebl p 21 00 eb 1 80 240 150 800 2.2 4 60 2 table continues on next page revised:february 25,2014 www.huaandz.com
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) electrical characteristics continued part number marking v drm @ i drm = 5 a v s @100v/ s i h i s i t v t @ i t =2.2amps capacitance @1mhz,2 v bias v min v max m a min ma max a max v max pf p2300 e b l p2300 e b 190 260 150 800 2.2 4 50 p2600 e b l p2600 e b 220 300 150 800 2.2 4 45 p3100 ebl p3100 eb 275 350 150 800 2.2 4 45 p3500 ebl p3500 eb 320 400 150 800 2.2 4 40 p0080 ecl p0080 ec 6 25 50 800 2.2 4 70 p0300 ecl p0300 ec 25 40 50 800 2.2 4 65 p0640 ecl p0640 ec 58 77 150 800 2.2 4 55 p0720 ecl p0720 ec 65 88 150 800 2.2 4 60 p0900 ecl p0900 ec 75 98 150 800 2.2 4 65 p1100 ecl p1100 ec 90 130 150 800 2.2 4 55 p1300 ecl p1300 ec 120 160 150 800 2.2 4 60 p1500 ecl p1500 ec 140 180 150 800 2.2 4 50 p1800 ecl p1800 ec 170 220 150 800 2.2 4 55 p 21 00 ecl p 21 00 ec 1 80 240 150 800 2.2 4 85 p2300 ecl p2300 ec 190 260 150 800 2.2 4 65 p2600 ecl p2600 ec 220 300 150 800 2.2 4 65 p3100 ecl p3100 ec 275 350 150 800 2.2 4 55 p3500 ecl p3500 ec 320 400 150 800 2.2 4 50 notes: - all measurements are made at an ambient temperature of 25 c .ipp applies to -40 c through +85 c temperature range . - off-state capacitance(co) is typical value. *for surge ratings,see next page . 3 revised:february 25,2014 www.huaandz.com
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) surge ratings series i pp 2 x 10 s i pp 8x20 s i pp 10x160 s i pp 10x560 s i pp 10x1000 s i pp 5 x 320 s i pp 5 x 310 s i pp 10 x 360 s i tsm 50/ 60hz di/dt amps amps amps amps amps amps amps amps amps amps/ s a 150 150 90 50 45 75 75 75 20 500 b 250 250 150 100 80 100 100 125 25 500 c 500 400 200 150 100 200 200 175 30 500 thermal considerations package to-92 symbol parameter value unit t j operating junction temperature range -40 to +150 c t s storage temperature range - 65 to +150 c r ja junction to ambient on prited circuit 90 c /w description of part number p xxx 0 e b l lead free i pp rating ( 10x1000 s )a=45a b=80a c=100a package type( to-92 ) median voltage p = sidactor protection thyristor 4 @956n9erf9bi2eig ih+o( ccc)b2eeaey)t.8
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) dimensions - to-92 dimension inches millimeters min max min max a 0.176 0.196 4.40 4.98 b 0.5 00 12. 1 d 0.095 0.105 2.14 2.67 e 0.150 3.81 f 0.046 0.054 1.16 1.37 g 0.135 0.145 3 .43 3.68 h 0.088 0.096 2.23 2.44 j 0.176 0.186 4.47 4.7 0 k 0.088 0.096 2.23 2.44 l 0.013 0.019 0.33 0.48 m 0.013 0.017 0.33 0.43 n 0.06 0 1. 60 5 revised:february 25,2014 www.huaandz.com
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) packing options package type description packing quantity industry standard e a, e b, e c to-92 bulk pack 10 00 pcs n/a characteristics curve v-i characteristics tr x td pulse waveform normalized vs change versus junction normalized dc holding current versus temperature case temperature 6 revised:february 25,2014 www.huaandz.com tel: + 86-755-27465585
shenzhen hua xina n electron ics co.,ltd (sidactor protection thyristors ) s ample pictures p0640eal(marking:p0640ea) p3100ebl(marking:p3100eb) fast delivery time fast delivery time p0720ecl(marking:p0720ec) p3100ecl(marking:p3100ec) fast delivery time fast delivery time shen zhen huaxinan electronics co.,ltd sale s @huaandz.com abc0734@126.com 7 revised:february 25,2014 www.huaandz.com tel: + 86-755-27465585


▲Up To Search▲   

 
Price & Availability of P1500EAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X